Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX214C/D Datasheet HTML 1Page - Maxim Integrated Products MAX214C/D Datasheet HTML 2Page - Maxim Integrated Products MAX214C/D Datasheet HTML 3Page - Maxim Integrated Products MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TRANSMITTER OUTPUT VOLTAGE (VOH)
vs. VCC POSITIVE SUPPLY VOLTAGE
6.5
7.0
7.5
8.0
8.5
9.0
4.5
VCC (V)
4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
1 TRANSMITTER LOADED
2 TRANSMITTERS LOADED
3 TRANSMITTERS LOADED
DATA RATE = 0kbps
TRANSMITTER OUTPUT VOLTAGE (VOH)
vs. LOAD CAPACITANCE
AT DIFFERENT DATA RATES
6.0
0
LOAD CAPACITANCE (pF)
6.2
6.4
6.6
6.8
7.0
7.2
7.4
7.6
1000 2000 3000 4000 5000 6000 7000
20kbps
64kbps
120kbps
TRANSMITTER OUTPUT VOLTAGE (VOL)
vs. LOAD CAPACITANCE
AT DIFFERENT DATA RATES
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
0
1000 2000 3000 4000 5000 6000 7000
LOAD CAPACITANCE (pF)
-5.5
120kbps
64kbps
20kbps
Programmable DTE/DCE,
+5V RS-232 Transceiver
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = 5V, C1 to C4 = 1µF, all transmitters loaded with 3kΩ in parallel with 2.5nF, TA = +25°C, unless otherwise noted.)
TRANSMITTER OUTPUT VOLTAGE (VOL)
vs. POSITIVE SUPPLY VOLTAGE
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
4.5
VCC (V)
4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
3 TRANSMITTERS LOADED
2 TRANSMITTERS LOADED
1 TRANSMITTER LOADED
DATA RATE = 0kbps
TRANSMITTER OUTPUT VOLTAGES
vs. V+, V- LOAD CURRENT
-10
0
LOAD CURRENT (mA)
20
40
60
80
-8
-6
-4
-2
0
2
4
6
8
10
V+ AND V-
EQUALLY
LOADED
V+ LOADED,
NO LOAD
ON V-
V- LOADED,
NO LOAD
ON V+
ALL TRANSMITTERS UNLOADED, 0kbps
SLEW RATE vs. LOAD CAPACITANCE
4
0
LOAD CAPACITANCE (pF)
2000
4000
6000
6
8
10
12
14
16
18
20
SLEW+
3 TRANSMITTERS LOADED
SLEW-
3 TRANSMITTERS LOADED
SLEW+
1 TRANSMITTER LOADED
SLEW-
1 TRANSMITTER LOADED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com