Electronic Components Datasheet Search
  English  ▼

X  

MAX214C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX214C/D
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX214C/D Datasheet HTML 3Page - Maxim Integrated Products MAX214C/D Datasheet HTML 4Page - Maxim Integrated Products MAX214C/D Datasheet HTML 5Page - Maxim Integrated Products MAX214C/D Datasheet HTML 6Page - Maxim Integrated Products MAX214C/D Datasheet HTML 7Page - Maxim Integrated Products MAX214C/D Datasheet HTML 8Page - Maxim Integrated Products MAX214C/D Datasheet HTML 9Page - Maxim Integrated Products MAX214C/D Datasheet HTML 10Page - Maxim Integrated Products MAX214C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Programmable DTE/DCE,
+5V RS-232 Transceiver
_______________________________________________________________________________________
7
RS-232 Drivers
With VCC = 5V, the typical driver output voltage swing
is ±8V when loaded with a nominal 5k
Ω RS-232
receiver. Under worst-case operating conditions
(including 116kbps data rate, 3k
Ω  2500pF load,
VCC = 4.5V, maximum rated temperature) the output
swing is guaranteed to meet the ±5V minimum speci-
fied by EIA/TIA-232 and V.28. The open-circuit output
voltage swing ranges from (V+ - 0.6V) to V-.
Input thresholds are both CMOS and TTL compatible.
The inputs of unused drivers can be left unconnected
because 400k
Ω pull-up resistors to VCC are included
on-chip. Since all drivers invert, the pull-up resistors
force the outputs of unused drivers low. The input
pull-up resistors typically source 10µA; in shutdown
mode, they are disconnected to reduce supply current.
When in low-power shutdown mode, the driver outputs
are turned off and their leakage current is less than
1µA, even if the transmitter output is back-driven with
voltages up to ±15V.
RS-232 Receivers
The receivers convert the RS-232 signals to
CMOS-logic levels. They invert, to match the inversion
of RS-232 drivers. The guaranteed receiver input
thresholds are significantly tighter than the ±3V
thresholds required by the EIA/TIA-232E specification,
V+
GND
MAX214
1µF
VCC
1µF
Rx
Tx
1µF
C1+
C1-
C2+
C2-
+5V
+5.5V
TOUT
ROUT
400k
5k
ISHDN
0V OR +5.5V
DRIVE
1µF
1µF
3k
+5.5V
RIN
TIN
CAPACITORS MAY BE
POLARIZED OR UNPOLARIZED
DTE/DCE
+5.5V
V-
+5.5V
+5.5V
SHDN
HI-Z
Figure 1. MAX214 Shutdown-Current Test Circuit
C1-
IL -
RL -
V+
S1
V -
S2
S5
S6
C1
C3
C2
IL +
RL +
S3
S4
S7
S8
C4
C1+
GND
GND
VCC
VCC
C2-
C2+
120kHz
Figure 2. Charge-Pump Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com