Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
12
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Figure 4-3 4-wire read operation
4.3.3 3-wire write operation
When the SPI master performs a data write operation, it drives the SS_n line low, sends the 8-bit
command byte on MOSI line, followed by sending the data bytes. The length of the data byte ranges from
0 to maximum 506, depending on the command type. The master will signal the end of the data write
operation by drive the SS_n line high.
Figure 4-4 3-wire write operation
4.3.4 3-wire read operation
When the SPI master performs a data read operation, it drives the SS_n line low andsends the 8-bit
command byte on MOSI line. The master will stop driving the MOSI line. The FT121 will output data bytes
on the MOSI line. The length of the data byte ranges from 0 to maximum 506, depending on the
command type. The master will signal the end of the data read operation by drive the SS_n line high.
Figure 4-5 3-wire read operation
It is important that bus contention should be avoided during the bus turnaround period – i.e. moving
from the command byte to a read byte. In this instance the master will stop driving at the same clock
edge (rising edge) as the slave starts to drive. To avoid bus contention the FT121 will implement delays
so that it only starts to drive the MOSI line at least 5ns after the SCLK driving edge – this will give the
master a minimum of 5ns to stop driving MOSI, which should ensure no bus contentions. At this bus
turnaround point it’s also more natural for a clash not to occur, as the master is the source of the clock,
so will drive the clock and MOSI off at similar times. For the slave to drive MOSI it has to pass the clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com