Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
24
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
6.2.4 Set Interrupt
Command
: FBh
Data
: Write 1 byte
Bit
Symbol
Reset
Description
4-0
Reserved
0b’00000
Reserved, write to 0b’00000
5
Interrupt Pin Mode
0
0: normal operation. Interrupt will generate if any bit in
the interrupt register is set.
1: interrupt will generate upon receiving a SOF packet or
if any bit in the interrupt register is set.
6
EPI4 Interrupt Enable
0
Interrupt Enable for endpoint index 4.
For enhanced mode this bit has no function. EPI4
interrupt is always enabled.
7
EPI5 Interrupt Enable
0
Interrupt Enable for endpoint index 5.
For enhanced mode this bit has no function. EPI5
interrupt is always enabled
Table 6.7 Interrupt Configuration Register
6.2.5 Set Endpoint Configuration (for Enhanced Mode)
Command
: B0-BFh
Data
: Write 1 byte
Bit
Symbol
Reset
Description
0
Endpoint Enabled
0
Enable or disable the endpoint index associated with the
command
2-1
Endpoint Type
0b’00
Endpoint type
00: control
01: bulk or interrupt
10: isochronous
11: reserved
6-3
Max Packet Size
0b’0000
Maximum USB packet size for this endpoint. Defines the
IN buffer or OUT buffer size for the endpoint. Refer to
Table 5.4 for full details on the buffer configuration.
7
Reserved
0
Reserved, write to 0
Table 6.8 Endpoint Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com