Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 44Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
40
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
9.3 QFN-16 Package Dimensions
Figure 9-3 QFN-16 Package Dimensions
The FT121Q is supplied in a RoHS compliant leadless QFN-16 package. The package is lead ( Pb ) free,
and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 3mm x 3mm. The solder pads are on a 0.50mm pitch. The above mechanical
drawing shows the QFN-16 package. All dimensions are in millimetres.
The center pads at the base of the FT121Q are internally connected to a power signal according to the
following table. These may be left unconnected or routed to the respective power signal:
Pad Number
Signal
Location – top view
Location – bottom view
17
Ground
Upper left
Upper right
18
VCCIO
Lower left
Lower right
19
VOUT3V3
Lower right
Lower left
20
VCC
Upper right
Upper left
Table 9.1 FT121Q Bottom Pad Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com