Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
36
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
1.62
V
I source = 4mA
Vol
Output Voltage Low
0.4
V
I sink = 4mA
Vih
Input Voltage High
1.17
V
Vil
Input Voltage Low
-
0.63
V
Table 8.5 digital I/O Pin Characteristics (VCCIO=+1.8V)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
UVoh
I/O Pins Static Output
(High)
2.8
3.6
V
RL = 1.5kΩ to 3.6
V
UVol
I/O Pins Static Output
(Low)
-
0.3
V
RL = 15kΩ to GND
UVse
Single Ended Rx
Threshold
0.8
2.0
V
UCom
Differential Common
Mode
0.8
2.5
V
UVDif
Differential Input
Sensitivity
0.2
V
UDrvZ
Driver Output
Impedance
29
-
44
Ω
Including external
27 Ω ±1% series
resistor
Table 8.6 USB I/O Pin (DP, DM) Characteristics
8.3 AC Characteristics
Symbol
Parameter
VCCIO=3.3V VCCIO=1.8V
Unit
Min
Max
Min
Max
t1
SCLK period
50
60
ns
t2
SCLK High period
25
30
ns
t3
SCLK Low period
25
30
ns
t4
SCLK driving edge to MOSI valid (3-wire mode)
SCLK driving edge to MISO valid (4-wire mode)
5
15
8
22
ns
t5
MOSI data setup time to sample SCLK edge
5
6
ns
t6
MOSI data hold time from sample SCLK edge
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com