Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 28 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 28 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 32Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
28
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Error Code
Result
0010
PID unknown
0011
Unexpected packet
0100
Token CRC error
0101
Data CRC error
0110
Time out error
0111
Reserved
1000
Unexpected EOP
1001
Packet NAKed
1010
Sent stall
1011
Buffer overflow
1101
Bit stuff error
1111
Wrong DATA PID
Table 6.15 Transaction error code
6.3.4 Read Endpoint Status
Command
: 80-85h (80-8Fh for Enhanced Mode)
Data
: Read 1 byte
Bit
Symbol
Reset
Description
1-0
Reserved
0b’00
Reserved
2
Setup packet
0
0: indicate not a setup packet
1: indicate last received packet has a SETUP token
4-3
Reserved
0b’xx
Reserved
5
Buffer 0 Full
0
0: buffer 0 is not filled up
1: buffer 0 is filled up
6
Buffer 1 Full
0
0: buffer 1 is not filled up
1: buffer 1 is filled up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com