Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 44 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 44 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 46Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
44
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Appendix A – References
Useful Application Notes
http://www.ftdichip.com/Documents/AppNotes/AN_167_FT1248_Parallel_Serial_Interface_Basics.pdf
http://www.ftdichip.com/Support/Documents/TechnicalNotes/TN_100_USB_VID-PID_Guidelines.pdf
http://www.ftdichip.com/Support/Documents/AppNotes/AN_175_Battery%20Charging%20Over%20USB
%20with%20FTEX%20Devices.pdf
http://www.usb.org/developers/devclass_docs/BCv1.2_011912.zip
Appendix B - List of Figures and Tables
List of Figures
Figure 2-1 FT121 Block Diagram.....................................................................................................3
Figure 3-1 TSSOP-16 package schematic symbol ..............................................................................6
Figure 3-2 QFN-16 package schematic symbol..................................................................................6
Figure 4-1 SPI access.................................................................................................................. 11
Figure 4-2 4-wire write operation.................................................................................................. 11
Figure 4-3 4-wire read operation .................................................................................................. 12
Figure 4-4 3-wire write operation.................................................................................................. 12
Figure 4-5 3-wire read operation .................................................................................................. 12
Figure 7-1 FT121 bus powered application ..................................................................................... 33
Figure 7-2 FT121 self powered application ..................................................................................... 33
Figure 8-1 SPI slave timing .......................................................................................................... 37
Figure 9-1 TSSOP-16 Package Dimensions ..................................................................................... 38
Figure 9-2 TSSOP-16 Package Markings ........................................................................................ 39
Figure 9-3 QFN-16 Package Dimensions ........................................................................................ 40
Figure 9-4 QFN-16 Package Markings ............................................................................................ 41
Figure 9-5 FT121 Solder Reflow Profile .......................................................................................... 41
List of Tables
Table 3.1 FT121 Pin Description......................................................................................................7
Table 4.1 Interrupt modes ........................................................................................................... 10
Table 5.1 Endpoint configuration for EP0 and EP1 ........................................................................... 14
Table 5.2 Endpoint configuration for EP2 ....................................................................................... 14
Table 5.3 Example buffer configuration.......................................................................................... 15
Table 5.4 Endpoint Maximum Packet Size ...................................................................................... 16
Table 6.1 FT121 default command set ........................................................................................... 18
Table 6.2 enhanced command set................................................................................................. 22
Table 6.3 Address Enable Register ................................................................................................ 22
Table 6.4 Endpoint Enable Register ............................................................................................... 22
Table 6.5 Configuration Register (Byte 1) ...................................................................................... 23
Table 6.6 Configuration Register (Byte 2) ...................................................................................... 23
Table 6.7 Interrupt Configuration Register ..................................................................................... 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com