Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT121 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
1
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Future Technology Devices
International Ltd.
FT121
(Enhanced USB Device
Controller with SPI Slave IC)
The FT121 is a USB generic interface
controller with the following advanced
features:
USB 2.0 Full Speed compatible
High performance USB device controller with
integrated SIE, endpoint buffer, transceiver
and voltage regulators
Fully integrated clock generation with no
external crystal required
Supports Serial Parallel interface (SPI) slave to
external microcontroller
Supports up to 8 bi-directional endpoints with
total 2k bytes endpoint buffer
Max packet size is 504 bytes for isochronous
endpoint
and
64
bytes
for
control/bulk/interrupt endpoint
Double
buffer
scheme
for
any
endpoint
increases data transfer throughput
Multiple interrupt modes to facilitate both bulk
and isochronous transfers
USB
Battery
Charger
detection
allowing
optimized charging profile
Integrated
DP
pull-up
resistor
for
USB
connection
Supports
bus-powered
or
self-powered
applications
VCC power supply operation at 3.3V or 5V
Internal 1.8V and 3.3V LDO regulators
VCC IO level range from 1.8V to 3.3V
Integrated power-on-reset circuit
UHCI/OHCI/EHCI host controller compatible
-40°C to 85°C extended operating temperature
range
Available in Pb-free TSSOP-16 and QFN-16
packages (RoHS compliant)
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT121

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
FT121Q-x FTDI-FT121Q-x Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
FT121T-U FTDI-FT121T-U Datasheet
1Mb / 46P
Future Technology Devices International Ltd.
FT121T-x FTDI-FT121T-x Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
More results

Similar Description - FT121

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
Embedded USB Host/Slave Controller
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
USB Dual Speed Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
Embedded USB Host/Slave Controller
logo
Future Technology Devic...
FT122 FTDI-FT122 Datasheet
1Mb / 47P
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
FT200XD FTDI-FT200XD Datasheet
1Mb / 42P
FT200XD USB I2C SLAVE IC Datasheet Version 1.3
FT220X FTDI-FT220X Datasheet
947Kb / 46P
FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
FT120T-R FTDI-FT120T-R Datasheet
1Mb / 40P
USB Device Controller with Parallel Bus IC
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
USB I2C SLAVE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com