Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 45 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 45 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 46Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
45
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Table 6.8 Endpoint Configuration Register...................................................................................... 24
Table 6.9 Interrupt Register Byte 1 ............................................................................................... 25
Table 6.10 Interrupt Register Byte 2 ............................................................................................. 25
Table 6.11 Interrupt Register Byte 3 (for Enhanced Mode) ............................................................... 26
Table 6.12 Interrupt Register Byte 4 (for Enhanced Mode) ............................................................... 26
Table 6.13 Endpoint Status Register.............................................................................................. 27
Table 6.14 Endpoint Last Transaction Status Register...................................................................... 27
Table 6.15 Transaction error code................................................................................................. 28
Table 6.16 Endpoint Buffer Status Register .................................................................................... 29
Table 6.17 Endpoint Control Register ............................................................................................ 30
Table 6.18 Frame Number LSB Register......................................................................................... 31
Table 6.19 Frame Number MSB Register........................................................................................ 31
Table 6.20 IO Pad Drive Strength Register ..................................................................................... 32
Table 8.1 Absolute Maximum Ratings ............................................................................................ 34
Table 8.2 Operating Voltage and Current ....................................................................................... 35
Table 8.3 digital I/O Pin Characteristics (VCCIO=+3.3V).................................................................. 35
Table 8.4 digital I/O Pin Characteristics (VCCIO=+2.5V).................................................................. 35
Table 8.5 digital I/O Pin Characteristics (VCCIO=+1.8V).................................................................. 36
Table 8.6 USB I/O Pin (DP, DM) Characteristics .............................................................................. 36
Table 8.7 SPI slave timing ........................................................................................................... 37
Table 9.1 FT121Q Bottom Pad Assignments ................................................................................... 40
Table 9.2 Reflow Profile Parameter Values ..................................................................................... 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com