Electronic Components Datasheet Search
  English  ▼

X  

FT121 Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
30
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
Data
: None
The Validate Buffer command should be issued after all data has been written to the endpoint buffer. This
is to set the buffer full flag so that the packet can be sent to USB host when IN token arrives.
6.3.9 Set Endpoint Status
Command
: 50-55h (50-5Fh for Enhanced Mode)
Data
: Write 1 byte
Bit
Symbol
Reset
Description
0
Stall
0
0: Disable the endpoint STALL state.
1: Enable the endpoint STALL state.
For EP0 OUT (control OUT endpoint) the STALL state will
automatically be cleared by receiving a SETUP packet.
When this bit is written to ‘0’, the endpoint will
reinitialize. Any data in the endpoint buffer will be
flushed away, and the PID for next packet will carry
DATA0 flag.
7-1
Reserved
0b’xxxxxxx Reserved
Table 6.17 Endpoint Control Register
6.3.10 Acknowledge Setup
Command
: F1h
Data
: None
When receiving a SETUP packet the FT121 will flush the IN buffer and disable the Validate Buffer and
Clear Buffer commands for both Control IN and Control OUT endpoints. The MCU shall read and process
the SETUP packet, and then issue the Acknowledge Setup command to re-enable the Validate Buffer and
Clear Buffer commands. The Acknowledge Setup command must be sent to both Control IN and Control
OUT endpoints.
6.4 General Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com