Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  FT801 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
3
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
1 Typical Applications
Point of Sales Machines
Multi-function Printers
Instrumentation
Home Security Systems
Graphic touch pad – remote, dial pad
Tele / Video Conference Systems
Phones and Switchboards
Medical Appliances
Blood Pressure displays
Heart monitors
Glucose level displays
Breathalyzers
Gas chromatographs
Power meter
Home appliance devices
Set-top box
Thermostats
Sprinkler system displays
Medical Appliances
GPS / Satnav
Vending Machine Control Panels
Elevator Controls
……and many more
1.1 Part Numbers
Part Number
Package
FT801Q-x
48 Pin VQFN, pitch 0.5mm, body 7mm x 7mm x 0.9mm
Table 1- Video Controller Part Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (VQFN in 2500 pieces per reel)
-T: Tray packing, (VQFN in 250 pieces per tray)
For example: FT801Q-R is 2500 VQFN pieces in taped and reel packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com