Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
8
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
3.2 Pin Description
Table 3-1 FT801Q pin description
Pin
No.
Name
Type
Description
1
AUDIO_L
O
Audio PWM out, push-pull output, 16mA sink/source
current.
Pad powered from pin VCC.
2
GND
P
Ground
3
SPI_SCLK/ I2C_SCL
I
In SPI mode: SPI SCLK input.
In I2C mode: SCL input, need external 1kΩ ~ 4.7kΩ
pull up to VCCIO.
Input pad with Schmitt trigger, 3.3V tolerant.
Pad powered from pin VCCIO.
4
MISO/ I2C_SDA
I/O
In SPI mode: SPI MISO output.
In I2C mode: SDA input/Open Drain Output, need
external1kΩ ~ 4.7kΩ pull up to VCCIO.
Input with Schmitt trigger, 3.3V tolerant, 4/8/12/16mA
sink/source current.
Pad powered from pin VCCIO.
5
MOSI/ I2C_SA0
I
In SPI mode: SPI MOSI input.
In I2C mode: Input, bit 0 of I2C device address.
Input pad, 3.3V tolerant.
Pad powered from pin VCCIO.
6
CS_N/ I2C_SA1
I
In SPI mode: SPI CS_N input, active low.
In I2C mode: Input, bit 1 of I2C device address.
Input pad, 3.3V tolerant.
Pad powered from pin VCCIO.
7
GPIO0/ I2C_SA2
I/O
In SPI mode: General purpose input, output port.
In I2C mode: Input, bit 2 of I2C device address.
Push-pull, three-state output. 3.3V tolerant,
4/8/12/16mA sink/source current.
Pad powered from pin VCCIO.
8
GPIO1
I/O
General purpose input, output port.
Push-pull, three-state output. 3.3V tolerant,
4/8/12/16mA sink/source current.
Pad powered from pin VCCIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com