Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 41 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 41 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 45Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
41
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
Address
Register Name
Bit
s
Acc
ess
Reset
value
Description
TAG_XY
LSB16) used for tag lookup
102518h
REG_TOUCH_TAG
8 r/o
- Touch-screen tag result
10251Ch
REG_CTOUCH_TRANSFO
RM_A
32 r/w
00010000h Touch-screen transform coefficient
(s15.16)
102520h
REG_CTOUCH_TRANSFO
RM_B
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
102524h
REG_CTOUCH_TRANSFO
RM_C
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
102528h
REG_CTOUCH_TRANSFO
RM_D
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
10252Ch
REG_CTOUCH_TRANSFO
RM_E
32 r/w
00010000h Touch-screen transform coefficient
(s15.16)
102530h
REG_CTOUCH_TRANSFO
RM_F
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
102534h
Reserved
- -
- Reserved
102538h
REG_CTOUCH_TOUCH4_
X
16 r/o
- Extended mode: touch-screen screen X
data for touch 4
10253Ch
–
102550h
Reserved
- -
- Reserved
102554h
REG_SCREENSHOT_REA
D
1 r/w
0h Set to enable readout of the
screenshot of the selected Y line
102558h
–
102568h
Reserved
- -
- Reserved
10256Ch
REG_TRIM
5 r/w
0h Internal relaxation clock trimming
102570h
Reserved
- -
- Reserved
102574h
REG_CTOUCH_DIRECT_X
Y
REG_CTOUCH_TOUCH2_
XY
32 r/o
- Compatibility mode: Touch screen
direct (x-MSB16; y-LSB16)
conversions
Extended mode: touch-screen screen
data for touch 2 (x-MSB16; y-LSB16)
102578h
REG_CTOUCH_DIRECT_Z
1Z2
REG_CTOUCH_TOUCH3_
XY
32 r/o
- Compatibility mode: Touch screen
direct (z1-MSB16; z2-LSB16)
conversions
Extended mode: touch-screen screen
data for touch 3 (x-MSB16; y-LSB16)
109000h
REG_TRACKER
32 r/w
00000000h Track register (Track value – MSB16;
Tag value - LSB8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com