Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT801 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
1
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
Future Technology Devices International Ltd.
FT801
(Embedded Video Engine)
The FT801 is an easy to use graphic
controller targeted for embedded
applications to generate high-quality
Human Machine Interfaces (HMIs).
It has the following features:
FT801
functionality
includes
graphic
controller, audio processing, and capacitive
touch controller interface.
Compatibility mode allows display code to be
run on FT801 or FT800. Extended mode
enables multi-touch capabilities for FT801.
Embedded Video Engine (EVE) with widget
support can offload the system MPU and
provide a variety of graphic features
Built-in graphics operations allow users with
little expertise to create high-quality display
Support capacitive touch screen with up to 5
touches detection
Hardware engine can recognize touch tags
and track touch movement. It provides
notification for up to 255 touch tags.
Enhanced sketch processing
Programmable interrupt controller provides
interrupts to host MPU/MCU
Built-in 12MHz crystal oscillator with PLL
providing 48MHz or 36MHz system clock
Clock switch command for internal or
external
clock source. External
12MHz
crystal or clock input can be used for higher
accuracy.
Video RGB parallel output (default RGB data
width of 6-6-6) with 2 bit dithering;
configurable to support resolution up to
512x512 and R/G/B data width of 1 to 6
Programmable timing to adjust HSYNC and
VSYNC
timing,
enabling
interface
to
numerous displays
Support
for
LCD
display
in
WQVGA
(480x272) and QVGA (320x240) formats
with data enable (DE) support mode and
VSYNC/HSYNC mode
The FT801 calculates for 8-bit colour despite
only providing pins for 6-bit (RGB-6,6,6);
this improves the half tone appearance
Display enable control output to LCD panel
Mono audio channel output with PWM output
Built-in sound synthesizer
Audio wave playback for mono 8-bit linear
PCM, 4-bit ADPCM and µ-Law coding format
at sampling frequency from 8kHz to 48kHz.
Built-in digital filter reduces the system
design complexity of external filtering
PWM output for backlight dimming control
for LED
Low
power
consumption
for
portable
application, 24mA active (typical) and 250
uA sleep (typical)
No frame buffer RAM required
Advanced
object
oriented
architecture
enables low cost MPU/MCU as system host
using I2C and SPI interfaces
Power mode control allows chip to be put in
power down, sleep and standby states
Supports host interface I/O voltage from
1.8V to 3.3V
Standard serial interface to host MPU/MCU
with SPI up to 30MHz or I²C clocking up to
3.4MHz
Internal voltage regulator supplies 1.2V to
the digital core
-40°C
to
85°C
extended
operating
temperature range
Available in a compact Pb-free, VQFN-48,
7mm X 7mm X 0.9mm package, RoHS
compliant


Similar Part No. - FT801

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
Embedded Video Engine
Version 1.3
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT8010MPX FAIRCHILD-FT8010MPX Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT801

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9155AP TOSHIBA-TC9155AP Datasheet
464Kb / 15P
The TC9155/56AP is an optimum C2MOS IC which has been designed for electronization of tone control of audio equipment with the following features
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
Future Technology Devic...
FT221X FTDI-FT221X Datasheet
984Kb / 45P
The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
The FT232B is a USB to serial UART interface with the following advanced features
FT240X FTDI-FT240X Datasheet
754Kb / 40P
The FT240X is a USB to parallel FIFO interface with the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
The Split Operation has the following features:
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
logo
PHOENIX CONTACT
2701813 PHOENIX-2701813 Datasheet
144Kb / 6P
The module is designed for use within an Axioline F station. It is used to output digital signals.
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com