Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
9
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
Continued
Pin
No.
Name
Type
Description
9
VCCIO
P
I/O power supply, connect a 0.1uF decoupling
capacitor. Support 1.8V, 2.5V or 3.3V.
Note: VCCIO supply to IO pads from pin 3 to 12 only.
10
MODE
I
Host interface SPI(pull low) or I2C(pull up) mode select
input, 3.3V tolerant
Pad powered from pin VCCIO.
11
INT_N
OD
Host Interrupt, open drain output, active low, pull up to
VCCIO through a 1kΩ ~10kΩ resistor.
12
PD_N
I
Power down input, active low, 3.3V tolerant, pull up to
VCCIO through 47kΩ resistor and 100nF to ground.
Pad powered from pin VCCIO.
13
X1/ CLK
I
Crystal oscillator or clock input; Connect to GND if not
used.
3.3V peak input allowed.
Pad powered from pin VCC.
14
X2
O
Crystal oscillator output; leave open if not used.
Pad powered from pin VCC.
15
GND
P
Ground
16
VCC
P
3.3V power supply input.
17
VCC1V2
O
1.2V regulator output pin. Connect a 4.7uF decoupling
capacitor to GND.
18
VCC
P
3.3V power supply input.
19
CTP_RST_N
O
Connect to reset or wake signal of the CTPM. Output,
open source, external pull-down resistor required.
Pad powered from pin VCC.
20
CTP_INT_N
I
Connect to interrupt or ready pin of the CTPM. Input.
Pad powered from pin VCC.
21
CTP_SCL
I/OD
Connect to I2C SCL pin of the CTPM. Plain input, open-
drain output.
Pad powered from pin VCC.
22
CTP_SDA
I/OD
Connect to I2C SDA pin of the CTPM. Plain input, open-
drain output.
Pad powered from pin VCC.
23
GND
P
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com