Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 46 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 46 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 48Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 49Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 50Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
46
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
6.3 AC Characteristics
6.3.1 System clock
Table 6-6 System clock characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Value
Units
Minimum
Typical
Maximum
Internal Relaxation Clock
Untrimmed frequency range
4.46
6.7
12.11
MHz
Trimmed frequency
-
12
-
MHz
Frequency tuning accuracy
-2.5
-
+2.5
%
Frequency variation over voltage and
temperature
-3
-
+3
%
Crystal
Frequency
-
12.000
-
MHz
X1/X2
Capacitance
-
5
10
pF
External clock input
Frequency
-
12.000
-
MHz
Duty cycle
45
50
55
%
Input voltage on
X1/CLKIN
-
3.3
-
Vp-p
6.3.2 Host Interface SPI Mode 0
Figure 6-1 SPI Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com