Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 45 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 45 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 48Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 49Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
45
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
Table 6-4 Digital I/O Pin Characteristics (VCCIO = +2.5V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
VCCIO-
0.4
-
-
V
Ioh=4mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=4mA
Vih
Input High Voltage
0.7 X
VCCIO
-
-
V
-
Vil
Input Low Voltage
-
-
0.3 X
VCCIO
V
-
Vth
Schmitt Hysteresis
Voltage
0.28
0.39
0.5
V
-
Iin
Input leakage current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tri-state output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Table 6-5 Digital I/O Pin Characteristics (VCCIO = +1.8V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
VCCIO-
0.4
-
-
V
Ioh=4mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=4mA
Vih
Input High Voltage
0.7 X
VCCIO
-
-
V
-
Vil
Input Low Voltage
-
-
0.3 X
VCCIO
V
-
Vth
Schmitt Hysteresis
Voltage
0.25
0.35
0.5
V
-
Iin
Input leakage current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tri-state output
leakage current
-10
-
10
uA
Vin = VCCIO or 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com