Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 44 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 44 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 48Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
44
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
6.2 DC Characteristics
Table 6-2 Operating Voltage and Current
(Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCIO
VCCIO operating
supply voltage
1.62
1.80
1.98
V
Normal Operation
2.25
2.50
2.75
V
2.97
3.30
3.63
V
VCC
VCC operating supply
voltage
2.97
3.30
3.63
V
Normal Operation
Icc1
Power Down current
-
1.0
-
µA
Power down mode
Icc2
Sleep current
-
250
-
µA
Sleep Mode
Icc3
Standby current
-
1.5
-
mA
Standby Mode
Icc4
Operating current
-
24
-
mA
Normal Operation
VCC1V2
Regulator Output
voltage
-
1.20
-
V
Normal Operation
Table 6-3 Digital I/O Pin Characteristics (VCC/VCCIO = +3.3V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.4
-
-
V
Ioh=4mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=4mA
Vih
Input High Voltage
2.0
-
-
V
Vil
Input Low Voltage
-
-
0.8
V
Vth
Schmitt Hysteresis
Voltage
0.3
0.45
0.5
V
Iin
Input leakage current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tri-state output
leakage current
-10
-
10
uA
Vin = VCCIO or 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com