Electronic Components Datasheet Search
  English  ▼

X  

FT801 Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
39
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
Address
Register Name
Bit
s
Acc
ess
Reset
value
Description
10245Ch
REG_DITHER
1 r/w
1h Output dither enable
102460h
REG_SWIZZLE
4 r/w
00h Output RGB signal swizzle
102464h
REG_CSPREAD
1 r/w
1h Output clock spreading enable
102468h
REG_PCLK_POL
1 r/w
0h PCLK polarity:
0 = output on PCLK rising edge,
1 = output on PCLK falling edge
10246Ch
REG_PCLK
8 r/w
00h PCLK frequency divider, 0 = disable
102470h
REG_TAG_X
9 r/w
000h Tag query X coordinate
102474h
REG_TAG_Y
9 r/w
000h Tag query Y coordinate
102478h
REG_TAG
8 r/o
00h Tag query result
10247Ch
REG_VOL_PB
8 r/w
FFh Volume for playback
102480h
REG_VOL_SOUND
8 r/w
FFh Volume for synthesizer sound
102484h
REG_SOUND
16 r/w
0000h Sound effect select
102488h
REG_PLAY
1 r/w
0h Start effect playback
10248Ch
REG_GPIO_DIR
8 r/w
80h GPIO pin direction,
0 = input , 1 = output
102490h
REG_GPIO
8 r/w
00h GPIO pin value (bit 0,1,7);
output pin drive strength(bit 2-6)
102494h
Reserved
-
-
- Reserved
102498h
REG_INT_FLAGS
8 r/o
00h Interrupt flags, clear by read
10249Ch
REG_INT_EN
1 r/w
0h Global interrupt enable
1024A0h
REG_INT_MASK
8 r/w
FFh Interrupt enable mask
1024A4h
REG_PLAYBACK_START
20 r/w
00000h Audio playback RAM start address
1024A8h
REG_PLAYBACK_LENGTH
20 r/w
00000h Audio playback sample length (bytes)
1024ACh
REG_PLAYBACK_READPT
R
20 r/o
- Audio playback current read pointer
1024B0h
REG_PLAYBACK_FREQ
16 r/w
1F40h Audio playback sampling frequency
(Hz)
1024B4h
REG_PLAYBACK_FORMAT
2 r/w
0h Audio playback format
1024B8h
REG_PLAYBACK_LOOP
1 r/w
0h Audio playback loop enable
1024BCh
REG_PLAYBACK_PLAY
1 r/o
0h Start audio playback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com