Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 4 Page - Texas Instruments

  TLV707P Datasheet HTML 1Page - Texas Instruments TLV707P Datasheet HTML 2Page - Texas Instruments TLV707P Datasheet HTML 3Page - Texas Instruments TLV707P Datasheet HTML 4Page - Texas Instruments TLV707P Datasheet HTML 5Page - Texas Instruments TLV707P Datasheet HTML 6Page - Texas Instruments TLV707P Datasheet HTML 7Page - Texas Instruments TLV707P Datasheet HTML 8Page - Texas Instruments TLV707P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
OUT
GND
IN
EN
4
1
3
2
Thermal
Pad
TLV707, TLV707P
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
6 Pin Configuration and Functions
DQN PACKAGE
X2SON-4
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the
regulator into shutdown mode.
EN
3
I
For TLV707xxP, output voltage is discharged through an internal 120-
Ω resistor when device is
shut down.
GND
2
—
Ground pin
Input pin. For good transient performance, place a small 1-µF ceramic capacitor from this pin to
IN
4
I
ground. See Input and Output Capacitor Requirements for more details.
Regulated output voltage pin. A small 1-
μF ceramic capacitor is required from this pin to ground
OUT
1
O
to assure stability. See Input and Output Capacitor Requirements for more details.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com