Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 14Page - Texas Instruments TLV707P Datasheet HTML 15Page - Texas Instruments TLV707P Datasheet HTML 16Page - Texas Instruments TLV707P Datasheet HTML 17Page - Texas Instruments TLV707P Datasheet HTML 18Page - Texas Instruments TLV707P Datasheet HTML 19Page - Texas Instruments TLV707P Datasheet HTML 20Page - Texas Instruments TLV707P Datasheet HTML 21Page - Texas Instruments TLV707P Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
IN
EN
OUT
LOGIC
GND
TLV707xxP
120 W
TLV707, TLV707P
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 58. TLV707xxP Block Diagram
8.3 Feature Description
This LDO regulator offers current limit and thermal protection. The operating junction temperature of this device
is –40°C to 125°C.
8.3.1 Internal Current Limit
The internal current limit helps to protect the regulator during fault conditions. During current limit, the output
sources a fixed amount of current that is largely independent of the output voltage. In such a case, the output
voltage is not regulated, and is VO = ILIMIT × RLOAD. The PMOS pass transistor dissipates (VI – VO) × ILIMIT until
thermal shutdown is triggered and the device turns off. When the device cools, the internal thermal shutdown
circuit turns the device back on. If the fault condition continues, the device cycles between current limit and
thermal shutdown. See Thermal Information for more details.
The PMOS pass element has a built-in body diode that conducts current when the voltage at OUT exceeds the
voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated, external limiting
to 5% of the rated output current is recommended.
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com