Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 19Page - Texas Instruments TLV707P Datasheet HTML 20Page - Texas Instruments TLV707P Datasheet HTML 21Page - Texas Instruments TLV707P Datasheet HTML 22Page - Texas Instruments TLV707P Datasheet HTML 23Page - Texas Instruments TLV707P Datasheet HTML 24Page - Texas Instruments TLV707P Datasheet HTML 25Page - Texas Instruments TLV707P Datasheet HTML 26Page - Texas Instruments TLV707P Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
COUT
VOUT
VIN
GND PLANE
CIN
Represents via used for
application specific connections
1
2
3
4
TLV707, TLV707P
www.ti.com
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
10 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.0 V and 5.5 V. The input
voltage range provides adequate headroom in order for the device to have a regulated output. This input supply
must be well regulated (see Figure 46 through Figure 53). If the input supply is noisy, additional input capacitors
with low ESR help improve the output noise performance.
11 Layout
11.1 Layout Guidelines
11.1.1 Board Layout Recommendations to Improve PSRR and Noise Performance
Place input and output capacitors as close to the device pins as possible. To improve ac performance (such as
PSRR, output noise, and transient response), TI recommends that the board be designed with separate ground
planes for VI and VO, with the ground plane connected only at the GND pin of the device. In addition, connect the
ground connection for the output capacitor directly to the GND pin of the device. High ESR capacitors may
degrade PSRR performance.
11.1.2 Package Mounting
Solder pad footprint recommendations are available from TI's website at www.ti.com. The recommended land
pattern for the DQN (X2SON-4) package is shown in Mechanical, Packaging, and Orderable Information.
11.2 Layout Example
Figure 68. Recommended Layout Example
11.3 Thermal Considerations
Thermal protection disables the output when the junction temperature rises to approximately 160°C, allowing the
device to cool. When the junction temperature cools to approximately 140°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit may cycle on and off. This cycling limits the dissipation of the regulator, thus protecting the regulator from
damage as a result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, limit junction temperature to 125°C (maximum). To estimate the margin of safety
in a complete design (including heatsink), increase the ambient temperature until the thermal protection is
triggered; use worst-case loads and signal conditions.
For good reliability, thermal protection triggers at least 35°C above the maximum expected ambient condition of
the particular application. This configuration produces a worst-case junction temperature of 125°C at the highest
expected ambient temperature and worst-case load.
The internal protection circuitry of the LDO is designed to protect against overload conditions. This circuitry is not
intended to replace proper heatsinking. Continuously running the LDO into thermal shutdown degrades device
reliability.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com