Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 21Page - Texas Instruments TLV707P Datasheet HTML 22Page - Texas Instruments TLV707P Datasheet HTML 23Page - Texas Instruments TLV707P Datasheet HTML 24Page - Texas Instruments TLV707P Datasheet HTML 25Page - Texas Instruments TLV707P Datasheet HTML 26Page - Texas Instruments TLV707P Datasheet HTML 27Page - Texas Instruments TLV707P Datasheet HTML 28Page - Texas Instruments TLV707P Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
TLV707, TLV707P
www.ti.com
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
12 Device and Documentation Support
12.1 Device Support
12.1.1 Development Support
12.1.1.1 Evaluation Modules
An evaluation module (EVM) is available to assist in the initial circuit performance evaluation using the TLV707xx
and TLV707xxP. SLVU416 details the design kits and evaluation modules for TLV70728EVM-612.
The EVM can be requested at the Texas Instruments web site through the TLV707xx and TLV707xxP product
folders, or purchased directly from the TI eStore.
12.1.1.2 Spice Models
Computer simulation of circuit performance using SPICE is often useful when analyzing the performance of
analog circuits and systems. A SPICE model for the TLV707xx and TLV707xxP is available through the
respective device product folders under Simulation Models.
12.1.2 Device Nomenclature
Table 2. Ordering Information(1)
PRODUCT
VOUT
(2)
TLV707xx(x)Pyyyz
XX(X) is the nominal output voltage. For output voltages with a resolution of 100 mV, two digits are used in the
ordering number; otherwise, three digits are used (for example, 18 = 1.8 V, 285 = 2.85 V).
P is optional; devices with P have an LDO regulator with an active output discharge.
YYY is the package designator.
Z is package quantity. Use R for reel (3000 pieces), and T for tape (250 pieces).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Output voltages from 0.85 V to 5.0 V in 50-mV increments are available. Contact factory for details and availability.
12.2 Documentation Support
12.2.1 Related Documentation
For related documentation see the following:
•
TLV70728EVM-612 Evaluation Module, SLVU416
12.3 Trademarks
All trademarks are the property of their respective owners.
12.4 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
12.5 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
13 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated family of devices. This data is subject to change without notice and
revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com