Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 4Page - Texas Instruments TLV707P Datasheet HTML 5Page - Texas Instruments TLV707P Datasheet HTML 6Page - Texas Instruments TLV707P Datasheet HTML 7Page - Texas Instruments TLV707P Datasheet HTML 8Page - Texas Instruments TLV707P Datasheet HTML 9Page - Texas Instruments TLV707P Datasheet HTML 10Page - Texas Instruments TLV707P Datasheet HTML 11Page - Texas Instruments TLV707P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
-40
85
Temperature ( C)
°
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
I = 10 mA
I = 150 mA
O
O
-15
10
35
60
-40
85
Temperature ( C)
°
5.1
5.08
5.06
5.04
5.02
5
4.98
4.96
4.94
4.92
4.9
I = 10 mA
I = 150 mA
O
O
-15
10
35
60
5.3
5.5
Input Voltage (V)
5.1
5.08
5.06
5.04
5.02
5
4.98
4.96
4.94
4.92
4.9
85 C
°
25 C
°
-
°
40 C
5.35
5.4
5.45
-40
85
Temperature ( C)
°
1.3
1.28
1.26
1.24
1.22
1.2
1.18
1.16
1.14
1.12
1.1
I = 10 mA
I = 150 mA
O
O
-15
10
35
60
2
5.5
Input Voltage (V)
1.3
1.28
1.26
1.24
1.22
1.2
1.18
1.16
1.14
1.12
1.1
85 C
°
25 C
°
-
°
40 C
2.5
3
3.5
4
4.5
5
3.1
5.5
Input Voltage (V)
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
85 C
°
25 C
°
-
°
40 C
3.7
4.3
4.9
TLV707, TLV707P
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
At TJ = –40°C to 85°C, VI = VO(nom) + 0.5 V or 2.0 V (whichever is greater), IO = 10 mA, VEN = VI, and COUT = 1 μF, unless
otherwise noted. Typical values are at TJ = 25°C.
VO = 1.2 V
IO = 150 mA
VO = 2.8 V
IO = 150 mA
Figure 7. Line Regulation
Figure 8. Line Regulation
VO = 5.0 V
IO = 150 mA
VO = 1.2 V
Figure 9. Line Regulation
Figure 10. Output Voltage vs Temperature
VO = 2.8 V
VO = 5.0 V
Figure 11. Output Voltage vs Temperature
Figure 12. Output Voltage vs Temperature
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com