Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 5 Page - Texas Instruments

  TLV707P Datasheet HTML 1Page - Texas Instruments TLV707P Datasheet HTML 2Page - Texas Instruments TLV707P Datasheet HTML 3Page - Texas Instruments TLV707P Datasheet HTML 4Page - Texas Instruments TLV707P Datasheet HTML 5Page - Texas Instruments TLV707P Datasheet HTML 6Page - Texas Instruments TLV707P Datasheet HTML 7Page - Texas Instruments TLV707P Datasheet HTML 8Page - Texas Instruments TLV707P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TLV707, TLV707P
www.ti.com
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IN
–0.3
6.0
V
Voltage(2)
EN
–0.3
6.0
V
OUT
–0.3
6.0
V
Current (source)
OUT
Internally limited
Output short-circuit duration
Indefinite
Operating junction, TJ
–55
150
°C
Temperature
Storage, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM) QSS 009-105 (JESD22-A114A)(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM) QSS 009-147 (JESD22-
±500
C101B.01)(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Input voltage
2.0
5.5
V
IO
Output current
0
200
mA
TJ
Operating junction temperature range
–40
125
°C
7.4 Thermal Information
TLV707xx, TLV707xxP
THERMAL METRIC(1)
DFN (X2SON)
UNIT
4 PINS
RθJA
Junction-to-ambient thermal resistance
249.9
°C/W
ψJT
Junction-to-top characterization parameter
6.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com