Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 7Page - Texas Instruments TLV707P Datasheet HTML 8Page - Texas Instruments TLV707P Datasheet HTML 9Page - Texas Instruments TLV707P Datasheet HTML 10Page - Texas Instruments TLV707P Datasheet HTML 11Page - Texas Instruments TLV707P Datasheet HTML 12Page - Texas Instruments TLV707P Datasheet HTML 13Page - Texas Instruments TLV707P Datasheet HTML 14Page - Texas Instruments TLV707P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
450
425
400
375
350
325
300
275
250
2
5.5
Input Voltage (V)
2.5
3
3.5
4
4.5
5
25 C
°
-
°
40 C
3.1
5.5
Input Voltage (V)
3.7
4.3
4.9
450
425
400
375
350
325
300
275
250
25 C
°
-
°
40 C
2
5.5
Input Voltage (V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
85 C
°
25 C
°
-
°
40 C
2.5
3
3.5
4
4.5
5
2
5.5
Input Voltage (V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
85 C
°
25 C
°
-
°
40 C
2.5
3
3.5
4
4.5
5
0
200
Output Current (mA)
1200
1000
800
600
400
200
0
20
40
60
80
100
120
140
160
180
85 C
°
25 C
°
-
°
40 C
2
5.5
Input Voltage (V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
85 C
°
25 C
°
-
°
40 C
2.5
3
3.5
4
4.5
5
TLV707, TLV707P
www.ti.com
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
Typical Characteristics (continued)
At TJ = –40°C to 85°C, VI = VO(nom) + 0.5 V or 2.0 V (whichever is greater), IO = 10 mA, VEN = VI, and COUT = 1 μF, unless
otherwise noted. Typical values are at TJ = 25°C.
VO = 5.0 V
VO = 1.2 V
Figure 25. Ground Pin Current vs Output Current
Figure 26. Shutdown Current vs Input Voltage
VO = 2.8 V
VO = 5.0 V
Figure 27. Shutdown Current vs Input Voltage
Figure 28. Shutdown Current vs Input Voltage
VO = 1.2 V
VO = 2.8 V
Figure 29. Current Limit vs Input Voltage
Figure 30. Current Limit vs Input Voltage
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com