Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 15Page - Texas Instruments TLV707P Datasheet HTML 16Page - Texas Instruments TLV707P Datasheet HTML 17Page - Texas Instruments TLV707P Datasheet HTML 18Page - Texas Instruments TLV707P Datasheet HTML 19Page - Texas Instruments TLV707P Datasheet HTML 20Page - Texas Instruments TLV707P Datasheet HTML 21Page - Texas Instruments TLV707P Datasheet HTML 22Page - Texas Instruments TLV707P Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
t
=
(120
R )
(120+R )
L
L
·
·
C
OUT
TLV707, TLV707P
www.ti.com
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
Feature Description (continued)
8.3.2 Shutdown
The enable pin (EN) is active high. The device is enabled when voltage at the EN pin goes above 0.9 V. This
relatively lower voltage value required to turn on the LDO can also be used to power the device when it is
connected to a GPIO of a newer processor, where the GPIO Logic 1 voltage level is lower than that of traditional
microcontrollers. The device is turned off when the EN pin is held at less than 0.4 V. When shutdown capability
is not required, EN can be connected to the IN pin.
The TLV707xxP version has internal active pulldown circuitry that discharges the output with a time constant of:
where:
•
RL = Load resistance
•
COUT = Output capacitor
(1)
8.3.3 Undervoltage Lockout (UVLO)
The TLV707 uses a UVLO circuit to keep the output shut off until internal circuitry is operating properly.
8.4 Device Functional Modes
In order to turn on the regulator, it is required to drive the EN pin over 0.9 V. Driving the EN pin below 0.4 V
causes the regulator to enter shutdown mode.
In shutdown, the current consumption of the device is reduced to 1 µA, typically.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com