Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 4Page - Texas Instruments OPA2192 Datasheet HTML 5Page - Texas Instruments OPA2192 Datasheet HTML 6Page - Texas Instruments OPA2192 Datasheet HTML 7Page - Texas Instruments OPA2192 Datasheet HTML 8Page - Texas Instruments OPA2192 Datasheet HTML 9Page - Texas Instruments OPA2192 Datasheet HTML 10Page - Texas Instruments OPA2192 Datasheet HTML 11Page - Texas Instruments OPA2192 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
OPA192, OPA2192, OPA4192
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
6.7 Electrical Characteristics: VS = ±4 V to ±18 V (VS = +8 V to +36 V)
At TA = +25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
±5
±25
TA = 0°C to 85°C
±8
±50
TA = –40°C to +125°C
±10
±75
VOS
Input offset voltage
µV
±10
±40
VCM = (V+) – 1.5 V
TA = 0°C to 85°C
±25
±150
TA = –40°C to +125°C
±50
±250
TA = 0°C to 85°C
±0.1
±0.5
D packages only
TA = –40°C to +125°C
±0.15
±0.8
dVOS/dT
Input offset voltage drift
µV/°C
TA = 0°C to 85°C
±0.1
±0.8
DBV and DGK packages only
TA = –40°C to +125°C
±0.2
±1.0
Power-supply rejection
PSRR
TA = –40°C to +125°C
±0.3
±1.0
µV/V
ratio
INPUT BIAS CURRENT
±5
±20
pA
IB
Input bias current
TA = –40°C to +125°C
±5
nA
±2
±20
pA
IOS
Input offset current
TA = –40°C to +125°C
±2
nA
NOISE
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 0.1 Hz to 10 Hz
1.30
En
Input voltage noise
µVPP
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 0.1 Hz to 10 Hz
4
f = 100 Hz
10.5
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 1 kHz
5.5
Input voltage noise
en
nV/
√Hz
density
f = 100 Hz
32
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 1 kHz
12.5
NOISE (continued)
Input current noise
in
f = 1 kHz
1.5
fA/
√Hz
density
INPUT VOLTAGE
Common-mode voltage
VCM
(V–) – 0.1
(V+) + 0.1
V
range
120
140
(V–) – 0.1 V < VCM < (V+) – 3 V
TA = –40°C to +125°C
114
126
dB
Common-mode
CMRR
100
120
rejection ratio
(V+) – 1.5 V < VCM < (V+)
TA = –40°C to +125°C
86
100
(V+) – 3 V < VCM < (V+) – 1.5 V
See Typical Characteristics
INPUT IMPEDANCE
ZID
Differential
100 || 1.6
M
Ω || pF
1013
Ω ||
ZIC
Common-mode
1 || 6.4
pF
OPEN-LOOP GAIN
120
134
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RLOAD = 2 kΩ
TA = –40°C to +125°C
114
126
AOL
Open-loop voltage gain
dB
126
140
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RLOAD = 10 kΩ
TA = –40°C to +125°C
120
134
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com