Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 21Page - Texas Instruments OPA2192 Datasheet HTML 22Page - Texas Instruments OPA2192 Datasheet HTML 23Page - Texas Instruments OPA2192 Datasheet HTML 24Page - Texas Instruments OPA2192 Datasheet HTML 25Page - Texas Instruments OPA2192 Datasheet HTML 26Page - Texas Instruments OPA2192 Datasheet HTML 27Page - Texas Instruments OPA2192 Datasheet HTML 28Page - Texas Instruments OPA2192 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
10M
100M
1G
10G
Frequency (Hz)
C017
P
RF = -10 dBm
V
SUPPLY = ±18 V
V
CM = 0 V
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
Feature Description (continued)
The OPAx192 family of operational amplifiers provides a true high-impedance differential input capability for high-
voltage applications. This patented input protection architecture does not introduce additional signal distortion or
delayed settling time, making the device an optimal op amp for multichannel, high-switched, input applications.
The OPA192 can tolerate a maximum differential swing (voltage between inverting and noninverting pins of the
op amp) of up to 36 V, making the device suitable for use as a comparator or in applications with fast-ramping
input signals such as multiplexed data-acquisition systems; see Figure 66.
8.3.2 EMI Rejection
The OPAx192 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the OPAx192 benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz.
Figure 57 shows the results of this testing on the OPA192. Table 2 shows the EMIRR IN+ values for the OPA192
at particular frequencies commonly encountered in real-world applications. Applications listed in Table 2 may be
centered on or operated near the particular frequency shown. Detailed information can also be found in the
application report EMI Rejection Ratio of Operational Amplifiers, SBOA128, available for download from
www.ti.com.
Figure 57. EMIRR Testing
Table 2. OPA192 EMIRR IN+ For Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
400 MHz
44.1 dB
applications
Global system for mobile communications (GSM) applications, radio communication, navigation,
900 MHz
52.8 dB
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
61.0 dB
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
2.4 GHz
69.5 dB
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
88.7 dB
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
5.0 GHz
105.5 dB
operation, C-band (4 GHz to 8 GHz)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com