Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 28Page - Texas Instruments OPA2192 Datasheet HTML 29Page - Texas Instruments OPA2192 Datasheet HTML 30Page - Texas Instruments OPA2192 Datasheet HTML 31Page - Texas Instruments OPA2192 Datasheet HTML 32Page - Texas Instruments OPA2192 Datasheet HTML 33Page - Texas Instruments OPA2192 Datasheet HTML 34Page - Texas Instruments OPA2192 Datasheet HTML 35Page - Texas Instruments OPA2192 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
ADC Differential Input (V)
–20
–15
–10
–5
0
5
10
15
20
OPA192, OPA2192, OPA4192
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
Typical Applications (continued)
•
System Supply Voltage: ±15 V
•
ADC Supply Voltage: 3.3 V
•
ADC Sampling Rate: 400 kSPS
•
ADC Reference Voltage (REFP): 4.096 V
•
System Input Signal: A high-voltage differential input signal with a peak amplitude of 10 V and frequency
(fIN) of 10 kHz are applied to each differential input of the mux.
9.2.1.2 Detailed Design Procedure
The purpose of this precision design is to design an optimal high voltage multiplexed data acquisition system for
highest system linearity and fast settling. The overall system block diagram is illustrated in Figure 66. The circuit
is a multichannel data acquisition signal chain consisting of an input low-pass filter, multiplexer (mux), mux output
buffer, attenuating SAR ADC driver, digital counter for mux and the reference driver. The architecture allows fast
sampling of multiple channels using a single ADC, providing a low-cost solution. The two primary design
considerations to maximize the performance of a precision multiplexed data acquisition system are the mux input
analog front-end and the high-voltage level translation SAR ADC driver design. However, carefully design each
analog circuit block based on the ADC performance specifications in order to achieve the fastest settling at 16-bit
resolution and lowest distortion system. The diagram includes the most important specifications for each
individual analog block.
This design systematically approaches each analog circuit block to achieve a 16-bit settling for a full-scale input
stage voltage and linearity for a 10-kHz sinusoidal input signal at each input channel. The first step in the design
is to understand the requirement for extremely low impedance input-filter design for the mux. This understanding
helps in the decision of an appropriate input filter and selection of a mux to meet the system settling
requirements. The next important step is the design of the attenuating analog front-end (AFE) used to level
translate the high-voltage input signal to a low-voltage ADC input when maintaining amplifier stability. The next
step is to design a digital interface to switch the mux input channels with minimum delay. The final design
challenge is to design a high-precision, reference-driver circuit that provides the required REFP reference voltage
with low offset, drift, and noise contributions.
9.2.1.3 Application Curve
Figure 67. ADC 16-Bit Linearity Error for the Multiplexed Data Acquisition Block
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation results, and test
results, refer to TI Precision Design TIDU181, 16-bit, 400-kSPS, 4-Channel, Multiplexed Data Acquisition
System for High Voltage Inputs with Lowest Distortion.
32
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com