Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 13Page - Texas Instruments OPA2192 Datasheet HTML 14Page - Texas Instruments OPA2192 Datasheet HTML 15Page - Texas Instruments OPA2192 Datasheet HTML 16Page - Texas Instruments OPA2192 Datasheet HTML 17Page - Texas Instruments OPA2192 Datasheet HTML 18Page - Texas Instruments OPA2192 Datasheet HTML 19Page - Texas Instruments OPA2192 Datasheet HTML 20Page - Texas Instruments OPA2192 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
0.8
0.9
1
1.1
1.2
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
s = ±18 V
V
s = ±2.25 V
±3.0
±2.0
±1.0
0.0
1.0
2.0
3.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
s = 4.5 V
V
s = 36 V
R
L = 10 kŸ
0.8
0.9
1.0
1.1
1.2
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
C001
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
Output Amplitude (VRMS)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
C008
f = 1 kHz
BW = 80 kHz
1
10
100
1000
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C002
V
CM = V+ - 100 mV
N-Channel Input
V
CM = 0 V
P-Channel Input
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
10
100
1k
10k
Frequency (Hz)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
C007
V
OUT = 3.5 VRMS
BW = 80 kHz
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
At TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 26. THD+N Ratio vs Frequency
Figure 25. Input Voltage Noise Spectral Density
vs Frequency
Figure 27. THD+N vs Output Amplitude
Figure 28. Quiescent Current vs Supply Voltage
Figure 30. Open-Loop Gain vs Temperature
Figure 29. Quiescent Current vs Temperature
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com