Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 15Page - Texas Instruments OPA2192 Datasheet HTML 16Page - Texas Instruments OPA2192 Datasheet HTML 17Page - Texas Instruments OPA2192 Datasheet HTML 18Page - Texas Instruments OPA2192 Datasheet HTML 19Page - Texas Instruments OPA2192 Datasheet HTML 20Page - Texas Instruments OPA2192 Datasheet HTML 21Page - Texas Instruments OPA2192 Datasheet HTML 22Page - Texas Instruments OPA2192 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
-4
-3
-2
-1
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Time (s)
C034
0.01% Settling = ±500 V
G = +1
Step Applied at t = 0
-4
-3
-2
-1
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Time (s)
C034
0.01% Settling = ±1 mV
G = +1
Step Applied at t = 0
Time (300 ns/div)
C005
R
L = 1 kŸ
C
L = 10 pF
±
+
RI = 1 kO
VIN
+ 18 V
± 18 V
CL
OPA192
+
±
RF = 1 kO
G = -1
RI
NŸ
RF
NŸ
-4
-3
-2
-1
0
1
2
3
4
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Time (s)
C034
0.01% Settling = ±1 mV
G = +1
Step Applied at t = 0
Time (100 ns/div)
C015
CL
RL
±
+
VIN
+ 18 V
± 18 V
OPA192
+
±
G = +1
C
L = 10 pF
Time (120 ns/div)
C006
±
+
RI = 1 kO
VIN
+ 18 V
± 18 V
CL
OPA192
+
±
RF = 1 kO
G = -1
RI NŸ
RF NŸ
R
L = 1 kŸ
C
L = 10 pF
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
At TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 38. Small-Signal Step Response (100 mV)
Figure 37. Small-Signal Step Response (100 mV)
Figure 40. Settling Time (10-V Positive Step)
Figure 39. Large-Signal Step Response
Figure 41. Settling Time (5-V Positive Step)
Figure 42. Settling Time (10-V Negative Step)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com