Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 24Page - Texas Instruments OPA2192 Datasheet HTML 25Page - Texas Instruments OPA2192 Datasheet HTML 26Page - Texas Instruments OPA2192 Datasheet HTML 27Page - Texas Instruments OPA2192 Datasheet HTML 28Page - Texas Instruments OPA2192 Datasheet HTML 29Page - Texas Instruments OPA2192 Datasheet HTML 30Page - Texas Instruments OPA2192 Datasheet HTML 31Page - Texas Instruments OPA2192 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
±15.0
±14.0
«11.0
12.0
13.0
14.0
15.0
Common-Mode Voltage (V)
200
100
0
±100
±200
±300
Input Offset Voltage vs Vcm
without e-Trim Input
Transition
Region
P-Channel
Region
N-Channel
Region
±15.0
±14.0
«11.0
12.0
13.0
14.0
15.0
Common-Mode Voltage (V)
200
100
0
±100
±200
±300
Transition
Region
P-Channel
Region
N-Channel
Region
OPA192 e-Trim
Input Offset Voltage vs Vcm
NCH3
PCH2
PCH1
IS1
NCH4
-Vsupply
+Vsupply
VIN+
VIN-
FUSE BANK
VOS TRIM
VOS DRIFT TRIM
e-Trim
TM
OPA192, OPA2192, OPA4192
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
8.3.6 Common-Mode Voltage Range
The OPAx192 is a 36-V, true rail-to-rail input operational amplifier with an input common-mode range that
extends 100 mV beyond either supply rail. This wide range is achieved with paralleled complementary N-channel
and P-channel differential input pairs, as shown in Figure 63. The N-channel pair is active for input voltages
close to the positive rail, typically (V+) – 3 V to 100 mV above the positive supply. The P-channel pair is active
for inputs from 100 mV below the negative supply to approximately (V+) – 1.5 V. There is a small transition
region, typically (V+) –3 V to (V+) – 1.5 V in which both input pairs are on. This transition region can vary
modestly with process variation, and within this region PSRR, CMRR, offset voltage, offset drift, noise and THD
performance may be degraded compared to operation outside this region.
Figure 63. Rail-to-Rail Input Stage
To achieve the best performance for two-stage rail-to-rail input amplifiers, avoid the transition region when
possible. The OPAx192 uses a precision trim for both the N-channel and P-channel regions. This technique
enables significantly lower levels of offset than previous-generation devices, causing variance in the transition
region of the input stages to appear exaggerated relative to offset over the full common-mode range, as shown in
Figure 64.
Figure 64. Common-Mode Transition vs Standard Rail-to-Rail Amplifiers
28
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com