Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 12Page - Texas Instruments OPA2192 Datasheet HTML 13Page - Texas Instruments OPA2192 Datasheet HTML 14Page - Texas Instruments OPA2192 Datasheet HTML 15Page - Texas Instruments OPA2192 Datasheet HTML 16Page - Texas Instruments OPA2192 Datasheet HTML 17Page - Texas Instruments OPA2192 Datasheet HTML 18Page - Texas Instruments OPA2192 Datasheet HTML 19Page - Texas Instruments OPA2192 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
Time (1 s/div)
C001
Peak-to-Peak Noise = V
RMS × 6.6 = 1.30 Vpp
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
1
10
100
1k
10k
100k
1M
Frequency (Hz)
+PSRR
CMRR
-PSRR
C012
±10
±8
±6
±4
±2
0
2
4
6
8
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ±18 V, VCM = 0 V
V
S = ±2.25 V, VCM = V+ - 3 V
(V-) - 1
(V-)
(V-) + 1
(V-) + 2
(V-) + 3
(V-) + 4
(V-) + 5
0
10
20
30
40
50
60
70
80
I
out (mA)
C001
-40°C
+125°C
±1000
0
1000
2000
3000
4000
5000
6000
±75 ±50 ±25
0
25
50
75
100
125
150
175
Temperature (
ƒC)
C001
I
B+
I
B -
Ios
I
os
OPA192, OPA2192, OPA4192
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 19. Input Bias Current vs Temperature
Figure 20. Output Voltage Swing vs Output Current
(Maximum Supply)
Figure 21. CMRR and PSRR vs Frequency
Figure 22. CMRR vs Temperature
Figure 23. PSRR vs Temperature
Figure 24. 0.1-Hz to 10-Hz Noise
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com