Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 14Page - Texas Instruments OPA2192 Datasheet HTML 15Page - Texas Instruments OPA2192 Datasheet HTML 16Page - Texas Instruments OPA2192 Datasheet HTML 17Page - Texas Instruments OPA2192 Datasheet HTML 18Page - Texas Instruments OPA2192 Datasheet HTML 19Page - Texas Instruments OPA2192 Datasheet HTML 20Page - Texas Instruments OPA2192 Datasheet HTML 21Page - Texas Instruments OPA2192 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Time (200 ns/div)
C009
VOUT
VIN
±
+
RF = 10 kO
RI = 1 kO
VOUT
VIN
+ 18 V
± 18 V
OPA192
+
±
G = -10
RI NŸ
RF NŸ
Time (200 ns/div)
C010
VOUT
VIN
±
+
RF = 10 kO
RI = 1 kO
VOUT
VIN
+ 18 V
± 18 V
OPA192
+
±
G = -10
RI NŸ
RF NŸ
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
C013
R
ISO = 0
R
ISO = 25
R
ISO = 50
CL
RL
±
+
VIN
+ 18 V
± 18 V
OPA192
+
±
RISO
G = +1
Time (200 s/div)
C011
V
IN
V
OUT
37 VPP
Sine Wave
(±18.5V)
±
+
VOUT
+ 18 V
± 18 V
OPA192
+
±
10
100
1k
10k
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C016
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
±
+
RI = 1 kO
VIN
+ 18 V
± 18 V
CL
OPA192
+
±
RF = 1 kO
RISO
G = -1
C013
R
ISO = 0
R
ISO = 25
R
ISO = 50
RI NŸ
RF NŸ
OPA192, OPA2192, OPA4192
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 31. Open-Loop Output Impedance vs Frequency
Figure 32. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step)
Figure 33. Small-Signal Overshoot vs Capacitive Load
Figure 34. No Phase Reversal
(100-mV Output Step)
Figure 35. Positive Overload Recovery
Figure 36. Negative Overload Recovery
18
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com