Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2192 Datasheet HTML 9Page - Texas Instruments OPA2192 Datasheet HTML 10Page - Texas Instruments OPA2192 Datasheet HTML 11Page - Texas Instruments OPA2192 Datasheet HTML 12Page - Texas Instruments OPA2192 Datasheet HTML 13Page - Texas Instruments OPA2192 Datasheet HTML 14Page - Texas Instruments OPA2192 Datasheet HTML 15Page - Texas Instruments OPA2192 Datasheet HTML 16Page - Texas Instruments OPA2192 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
0
5
10
15
20
25
30
35
40
45
50
Offset Voltage (µV)
C013
Distribution Taken From 190 Amplifiers
T
A = -25SC
0
5
10
15
20
25
30
35
40
45
50
Offset Voltage (µV)
C013
Distribution Taken From 190 Amplifiers
T
A = -40SC
0
10
20
30
40
50
60
70
Offset Voltage (µV)
C013
Distribution Taken From 190 Amplifiers
T
A = 85SC
0
10
20
30
40
50
60
70
Offset Voltage (µV)
C013
Distribution Taken From 190 Amplifiers
T
A = 0SC
0
2
4
6
8
10
12
14
16
18
20
22
Offset Voltage (V)
C032
Distribution Taken From 4715 Amplifiers
0
10
20
30
40
50
Offset Voltage (µV)
C013
Distribution Taken From 190 Amplifiers
T
A = 125 SC
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
6.10 Typical Characteristics
At TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 1. Offset Voltage Production Distribution at 25°C
Figure 2. Offset Voltage Production Distribution at 125°C
Figure 3. Offset Voltage Production Distribution at 85°C
Figure 4. Offset Voltage Production Distribution at 0°C
Figure 5. Offset Voltage Production Distribution at –25°C
Figure 6. Offset Voltage Production Distribution at –40°C
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com