Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 35 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 31Page - Texas Instruments CC3100_15 Datasheet HTML 32Page - Texas Instruments CC3100_15 Datasheet HTML 33Page - Texas Instruments CC3100_15 Datasheet HTML 34Page - Texas Instruments CC3100_15 Datasheet HTML 35Page - Texas Instruments CC3100_15 Datasheet HTML 36Page - Texas Instruments CC3100_15 Datasheet HTML 37Page - Texas Instruments CC3100_15 Datasheet HTML 38Page - Texas Instruments CC3100_15 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
X
PREFIX
X = perproduction device
no prefix = production device
CC
3
1
0
0
R
1
1M
RGC
R
DEVICE FAMILY
CC = wireless connectivity
SERIES NUMBER
3 = Wi-Fi Centric
PACKAGE
RGC = 9x9 QFN
PACKAGING
R = tape/reel
T = small reel
CC3100
www.ti.com
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
7
Device and Documentation Support
7.1
Device Support
7.1.1
Development Support
The CC3100 evaluation board includes a set of tools and documentation to help the user during the
development phase.
7.1.1.1
Radio Tool
The SimpleLink radio tool is a utility for operating and testing the CC3100 chipset RF performance
characteristics during development of the application board. The CC3100 device has an auto-calibrated
radio that enables easy connection to the antenna without requiring expertise in radio circuit design.
7.1.1.2
Uniflash Flash Programmer
The Uniflash flash programmer utility allows end users to communicate with the SimpleLink device to
update the serial flash. The easy GUI interface enables flashing of files (including read-back verification
option), storage format (secured and nonsecured formatting), version reading for boot loader and chip ID,
and so on.
7.1.2
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of the
CC3100 device and support tools (see Figure 7-1).
Figure 7-1. CC3100 Device Nomenclature
Copyright © 2013–2015, Texas Instruments Incorporated
Device and Documentation Support
35
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com