Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 8Page - Texas Instruments CC3100_15 Datasheet HTML 9Page - Texas Instruments CC3100_15 Datasheet HTML 10Page - Texas Instruments CC3100_15 Datasheet HTML 11Page - Texas Instruments CC3100_15 Datasheet HTML 12Page - Texas Instruments CC3100_15 Datasheet HTML 13Page - Texas Instruments CC3100_15 Datasheet HTML 14Page - Texas Instruments CC3100_15 Datasheet HTML 15Page - Texas Instruments CC3100_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
TX power level setting
19.00
17.00
15.00
13.00
11.00
9.00
7.00
5.00
3.00
1.00
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
280.00
264.40
249.00
233.30
218.00
202.00
186.70
171.00
155.60
140.00
6 OFDM
Color by
TX Power (dBm)
IBAT (VBAT @ 3.6 V)
TX power level setting
19.00
17.00
15.00
13.00
11.00
9.00
7.00
5.00
3.00
1.00
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
280.00
264.40
249.00
233.30
218.00
202.00
186.70
171.00
155.60
140.00
1 DSSS
Color by
TX Power (dBm)
IBAT (VBAT @ 3.6 V)
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
Note: The area enclosed in the circle represents a significant reduction in current when transitioning from TX power
level 3 to 4. In the case of lower range requirements (14 dbm output power), TI recommends using TX power level 4
to reduce the current.
Figure 4-3. TX Power and IBAT vs TX Power Level Settings (1 DSSS)
Figure 4-4. TX Power and IBAT vs TX Power Level Settings (6 OFDM)
12
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com