Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 22 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 18Page - Texas Instruments CC3100_15 Datasheet HTML 19Page - Texas Instruments CC3100_15 Datasheet HTML 20Page - Texas Instruments CC3100_15 Datasheet HTML 21Page - Texas Instruments CC3100_15 Datasheet HTML 22Page - Texas Instruments CC3100_15 Datasheet HTML 23Page - Texas Instruments CC3100_15 Datasheet HTML 24Page - Texas Instruments CC3100_15 Datasheet HTML 25Page - Texas Instruments CC3100_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
CC3100 (master)
Serial flash
FLASH_SPI_CLK
FLASH_SPI_nCS
FLASH_SPI_MISO
FLASH_SPI_MOSI
SPI_CLK
SPI_CS
SPI_MISO
SPI_MOSI
SWAS031-026
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
Table 4-11. Flash SPI Interface Timing Parameters
Parameter
Parameter
Parameter Name
Min
Max
Unit
Number
I1
F
Clock frequency
20
MHz
I2
tclk
Clock period
50
ns
I3
tLP
Clock low period
25
ns
I4
tHT
Clock high period
25
ns
I5
D
Duty cycle
45
55
%
I6
tIS
RX data setup time
1
ns
I7
tIH
RX data hold time
2
ns
I8
tOD
TX data output delay
8.5
ns
I9
tOH
TX data hold time
8
ns
4.12 External Interfaces
4.12.1 SPI Flash Interface
The external serial flash stores the user profiles and firmware patch updates. The CC3100 device acts as
a master in this case; the SPI serial flash acts as the slave device. This interface can work up to a speed
of 20 MHz.
Figure 4-15 shows the SPI flash interface.
Figure 4-15. SPI Flash Interface
Table 4-12 lists the SPI flash interface pins.
Table 4-12. SPI Flash Interface
Pin Name
Description
FLASH_SPI_CLK
Clock (up to 20 MHz) CC3100 device to serial flash
FLASH_SPI_CS
CS (active low) signal from CC3100 device to serial flash
FLASH_SPI_MISO
Data from serial flash to CC3100 device
FLASH_SPI_MOSI
Data from CC3100 device to serial flash
4.12.2 SPI Host Interface
The device interfaces to an external host using the SPI interface. The CC3100 device can interrupt the
host using the HOST_INTR line to initiate the data transfer over the interface. The SPI host interface can
work up to a speed of 20 MHz.
Figure 4-16 shows the SPI host interface.
22
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com