Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 4 Page - Texas Instruments

  CC3100_15 Datasheet HTML 1Page - Texas Instruments CC3100_15 Datasheet HTML 2Page - Texas Instruments CC3100_15 Datasheet HTML 3Page - Texas Instruments CC3100_15 Datasheet HTML 4Page - Texas Instruments CC3100_15 Datasheet HTML 5Page - Texas Instruments CC3100_15 Datasheet HTML 6Page - Texas Instruments CC3100_15 Datasheet HTML 7Page - Texas Instruments CC3100_15 Datasheet HTML 8Page - Texas Instruments CC3100_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
4.12
External Interfaces
.................................. 22
1.1
Features
.............................................. 1
4.13
Host UART
.......................................... 23
1.2
Applications
........................................... 2
5
Detailed Description
................................... 26
1.3
Description
............................................ 2
5.1
Overview
............................................ 26
1.4
Functional Block Diagram
............................ 3
5.2
Functional Block Diagram
........................... 27
2
Revision History
......................................... 4
5.3
Wi-Fi Network Processor Subsystem
............... 27
3
Terminal Configuration and Functions
.............. 5
5.4
Power-Management Subsystem
.................... 28
3.1
Pin Attributes
......................................... 5
5.5
Low-Power Operating Modes
....................... 29
4
Specifications
............................................ 8
5.6
Memory
.............................................. 29
4.1
Absolute Maximum Ratings
.......................... 8
6
Applications and Implementation
................... 31
4.2
Handling Ratings
..................................... 8
6.1
Application Information
.............................. 31
4.3
Power-On Hours
...................................... 8
7
Device and Documentation Support
............... 35
4.4
Recommended Operating Conditions
................ 8
7.1
Device Support
...................................... 35
4.5
Brown-Out and Black-Out
............................ 9
7.2
Documentation Support
............................. 36
4.6
Electrical Characteristics (3.3 V, 25°C)
............. 10
7.3
Community Resources
.............................. 36
4.7
WLAN Receiver Characteristics
.................... 10
7.4
Trademarks
.......................................... 36
4.8
WLAN Transmitter Characteristics
.................. 10
7.5
Electrostatic Discharge Caution
..................... 36
4.9
Current Consumption
............................... 11
7.6
Glossary
............................................. 36
4.10
Thermal Characteristics for RGC Package
......... 13
8
Mechanical Packaging and Orderable
Information
.............................................. 37
4.11
Timing and Switching Characteristics
............... 13
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (August 2014) to Revision D
Page
•
Added Wi-Fi CERTIFIED
............................................................................................................ 1
•
Changed TCP value from 12 Mbps in Section 1.1, Features
.................................................................. 1
•
Changed part number in Device Information table from CC3100
.............................................................. 2
•
Changed pin 19 from NC and pin 18 from reserved in Figure 3-1
............................................................. 5
•
Changed pin 19 from NC in Table 3-1
............................................................................................. 6
•
Added to pin 2 (nHIB) description in Table 3-1
................................................................................... 6
•
Changed pins 8 and 14 to active low
.............................................................................................. 6
•
Changed pin 15 to active high
..................................................................................................... 6
•
Added note in Section 4.4, Recommended Operating Conditions, on avoiding the PA auto-protect feature
............ 8
•
Added Section 4.5, Brown-Out and Black-Out
................................................................................... 9
•
Added Table 4-1
..................................................................................................................... 9
•
Added VIL (nRESET pin) and corresponding note in Section 4.6, Electrical Characteristics (3.3 V, 25°C)
............ 10
•
Added note on RX current measurement in Section 4.9 Current Consumption.
........................................... 11
•
Changed Thib_min description from "minimum pulse width of nHIB = 0" in Table 4-4 ...................................... 16
•
Added footnote in Table 4-4 to ensure that the nHIB pulse width is kept above the minimum requirement.
.......... 16
•
Changed frequency accuracy from ±20 ppm in Table 4-5
.................................................................... 18
•
Added 4.11.3.6, WLAN Filter Requirements
.................................................................................... 19
•
Added note on asserting nCS (active low signal) in Table 4-10
.............................................................. 20
•
Changed HOST_SPI_CS to HOST_SPI_nCS in Table 4-13
.................................................................. 23
•
Changed H_IRQ to HOST_INTR(IRQ) in Figure 4-17
......................................................................... 24
•
Changed TCP of item 17 from 12 Mbps in Table 5-1
.......................................................................... 28
•
Changed part number of item 13 from XCC3100RTD in Table 6-1
......................................................... 32
•
Added note following Table 6-1
................................................................................................... 32
•
Changed part number of item 13 from XCC3100RTD in Table 6-2
.......................................................... 34
•
Added note following Table 6-2
................................................................................................... 34
4
Revision History
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com