Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 7Page - Texas Instruments CC3100_15 Datasheet HTML 8Page - Texas Instruments CC3100_15 Datasheet HTML 9Page - Texas Instruments CC3100_15 Datasheet HTML 10Page - Texas Instruments CC3100_15 Datasheet HTML 11Page - Texas Instruments CC3100_15 Datasheet HTML 12Page - Texas Instruments CC3100_15 Datasheet HTML 13Page - Texas Instruments CC3100_15 Datasheet HTML 14Page - Texas Instruments CC3100_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
CC3100
www.ti.com
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
TA = +25°C, VBAT = 2.1 to 3.6 V. Parameters measured at SoC pin on channel 7 (2442 MHz).
(1)
Parameter
Condition(2)
Min
Typ
Max
Units
1 DSSS
18.0
2 DSSS
18.0
11 CCK
18.3
6 OFDM
17.3
Maximum RMS output power measured at
9 OFDM
17.3
dBm
1 dB from IEEE spectral mask or EVM
18 OFDM
17.0
36 OFDM
16.0
54 OFDM
14.5
MCS7 (MM)
13.0
Transmit center frequency accuracy
–25
25
ppm
(1)
Channel-to-channel variation is up to 2 dB. The edge channels (2412 and 2472 MHz) have reduced TX power to meet FCC emission
limits.
(2)
In preregulated 1.85-V mode, maximum TX power is 0.25 to 0.75 dB lower for modulations higher than 18 OFDM.
4.9
Current Consumption
TA = +25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP(3) MAX UNIT
TX power level = 0
272
1 DSSS
TX power level = 4
188
TX power level = 0
248
TX
6 OFDM
TX power level = 4
179
TX power level = 0
223
54 OFDM
mA
TX power level = 4
160
1 DSSS
53
RX(4)
54 OFDM
53
Idle connected(5)
0.690
LPDS
0.115
Hibernate(6)
4
µA
VBAT = 3.3 V
450
Peak calibration current (7)(4)
VBAT = 2.1 V
670
mA
VBAT = 1.85 V
700
(1)
TX power level = 0 implies maximum power (see Figure 4-3 through Figure 4-5). TX power level = 4 implies output power backed off
approximately 4 dB.
(2)
The CC3100 system is a constant power-source system. The active current numbers scale based on the VBAT voltage supplied.
(3)
External serial-flash-current consumption is not included.
(4)
The RX current is measured with a 1-Mbps throughput rate.
(5)
DTIM = 1
(6)
For the 1.85-V mode, the Hibernate current is higher by 50 µA across all operating modes because of leakage into the PA and analog
power inputs.
(7)
The complete calibration can take up to 17 mJ of energy from the battery over a time of 24 ms . Calibration is performed sparingly,
typically when coming out of Hibernate and only if temperature has changed by more than 20°C or the time elapsed from prior
calibration is greater than 24 hours.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com