Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 23 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 19Page - Texas Instruments CC3100_15 Datasheet HTML 20Page - Texas Instruments CC3100_15 Datasheet HTML 21Page - Texas Instruments CC3100_15 Datasheet HTML 22Page - Texas Instruments CC3100_15 Datasheet HTML 23Page - Texas Instruments CC3100_15 Datasheet HTML 24Page - Texas Instruments CC3100_15 Datasheet HTML 25Page - Texas Instruments CC3100_15 Datasheet HTML 26Page - Texas Instruments CC3100_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
CC3100 (slave)
MCU
HOST_SPI_CLK
HOST_SPI_nCS
HOST_SPI_MISO
HOST_SPI_MOSI
HOST_INTR
SPI_CLK
SPI_nCS
SPI_MISO
SPI_MOSI
INTR
SWAS031-027
GPIO
nHIB
CC3100
www.ti.com
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
Figure 4-16. SPI Host Interface
Table 4-13 lists the SPI host interface pins.
Table 4-13. SPI Host Interface
Pin Name
Description
HOST_SPI_CLK
Clock (up to 20 MHz) from MCU host to CC3100 device
HOST_SPI_nCS
CS (active low) signal from MCU host to CC3100 device
HOST_SPI_MOSI
Data from MCU host to CC3100 device
HOST_INTR
Interrupt from CC3100 device to MCU host
HOST_SPI_MISO
Data from CC3100 device to MCU host
nHIB
Active-low signal that commands the CC3100 device to enter hibernate mode (lowest power
state)
4.13 Host UART
The SimpleLink device requires the UART configuration described in Table 4-14.
Table 4-14. SimpleLink UART Configuration
Property
Supported CC3100 Configuration
Baud rate
115200 bps, no auto-baud rate detection, can be changed by the host up to 3 Mbps using a special command
Data bits
8 bits
Flow control
CTS/RTS
Parity
None
Stop bits
1
Bit order
LSBit first
Host interrupt polarity
Active high
Host interrupt mode
Rising edge or level 1
Endianness
Little-endian only(1)
(1)
The SimpleLink device does not support automatic detection of the host length while using the UART interface.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
23
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com