| Electronic Components Datasheet Search |
|
CC3100 Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC3100 Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 44 page ![]() HOST MCU UART RTS CTS TX RX H_IRQ CC3100 SL UART RTS CTS TX RX H_IRQ SWAS031-090 X X HOST MCU UART RTS CTS TX RX H_IRQ CC3100 SL UART RTS CTS TX RX H_IRQ SWAS031-089 X HOST MCU UART RTS CTS TX RX HOST_INTR(IRQ) CC3100 SL UART RTS CTS TX RX HOST_INTR(IRQ) SWAS031-088 CC3100 SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015 www.ti.com 4.13.1 5-Wire UART Topology Figure 4-17 shows the typical 5-wire UART topology comprised of 4 standard UART lines plus one IRQ line from the device to the host controller to allow efficient low power mode. Figure 4-17. Typical 5-Wire UART Topology This is the typical and recommended UART topology because it offers the maximum communication reliability and flexibility between the host and the SimpleLink device. 4.13.2 4-Wire UART Topology The 4-wire UART topology eliminates the host IRQ line (see Figure 4-18). Using this topology requires one of the following conditions to be met: • Host is always awake or active. • Host goes to sleep but the UART module has receiver start-edge detection for auto wakeup and does not lose data. Figure 4-18. 4-Wire UART Configuration 4.13.3 3-Wire UART Topology The 3-wire UART topology requires only the following lines (see Figure 4-19): • RX • TX • CTS Figure 4-19. 3-Wire UART Topology Using this topology requires one of the following conditions to be met: • Host always stays awake or active. 24 Specifications Copyright © 2013–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: CC3100 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |