Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 17 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 13Page - Texas Instruments CC3100_15 Datasheet HTML 14Page - Texas Instruments CC3100_15 Datasheet HTML 15Page - Texas Instruments CC3100_15 Datasheet HTML 16Page - Texas Instruments CC3100_15 Datasheet HTML 17Page - Texas Instruments CC3100_15 Datasheet HTML 18Page - Texas Instruments CC3100_15 Datasheet HTML 19Page - Texas Instruments CC3100_15 Datasheet HTML 20Page - Texas Instruments CC3100_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
SWAS031-029
RTC_XTAL_P
RTC_XTAL_N
Host system
32.768 kHz
VIO
100 K
RTC_XTAL_P
RTC_XTAL_N
51
52
32.768 kHz
10 pF
GND
GND
10 pF
SWAS031-028
CC3100
www.ti.com
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
4.11.3.1 Slow Clock Using Internal Oscillator
The RTC crystal connected on the device supplies the free-running slow clock. The accuracy of the slow clock
frequency must be 32.768 kHz ±150 ppm. In this mode of operation, the crystal is tied between RTC_XTAL_P
(pin 51) and RTC_XTAL_N (pin 52) with a suitable load capacitance.
Figure 4-9 shows the crystal connections for the slow clock.
Figure 4-9. RTC Crystal Connections
4.11.3.2 Slow Clock Using an External Clock
When an RTC clock oscillator is present in the system, the CC3100 device can accept this clock directly as an
input. The clock is fed on the RTC_XTAL_P line and the RTC_XTAL_N line is held to VIO. The clock must be a
CMOS-level clock compatible with VIO fed to the device.
Figure 4-10 shows the external RTC clock input connection.
Figure 4-10. External RTC Clock Input
4.11.3.3 Fast Clock (Fref) Using an External Crystal
The CC3100 device also incorporates an internal crystal oscillator to support a crystal-based fast clock. The
XTAL is fed directly between WLAN_XTAL_P (pin 23) and WLAN_XTAL_N (pin 22) with suitable loading
capacitors.
Figure 4-11 shows the crystal connections for the fast clock.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
17
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com