Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 3Page - Texas Instruments CC3100_15 Datasheet HTML 4Page - Texas Instruments CC3100_15 Datasheet HTML 5Page - Texas Instruments CC3100_15 Datasheet HTML 6Page - Texas Instruments CC3100_15 Datasheet HTML 7Page - Texas Instruments CC3100_15 Datasheet HTML 8Page - Texas Instruments CC3100_15 Datasheet HTML 9Page - Texas Instruments CC3100_15 Datasheet HTML 10Page - Texas Instruments CC3100_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
CC3100
www.ti.com
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
Table 3-1. Pin Attributes (continued)
PIN
DEFAULT FUNCTION
STATE AT RESET
I/O TYPE
DESCRIPTION
AND HIBERNATE
38
DCDC_ANA_SW
Hi-Z
Power
Analog DC-DC converter switch output
39
VIN_DCDC_PA
Hi-Z
Power
PA DC-DC converter input supply
40
DCDC_PA_SW_P
Hi-Z
Power
PA DC-DC converter switch output +ve
41
DCDC_PA_SW_N
Hi-Z
Power
PA DC-DC converter switch output –ve
42
DCDC_PA_OUT
Hi-Z
Power
PA DC-DC converter output. Connect the
output capacitor for DC-DC here.
43
DCDC_DIG_SW
Hi-Z
Power
Digital DC-DC converter switch output
44
VIN_DCDC_DIG
Hi-Z
Power
Power supply input for the digital DC-DC
converter
45
DCDC_ANA2_SW_P
Hi-Z
Power
Analog2 DC-DC converter switch output +ve
46
DCDC_ANA2_SW_N
Hi-Z
Power
Analog2 DC-DC converter switch output –ve
47
VDD_ANA2
Hi-Z
Power
Analog2 power supply input
48
VDD_ANA1
Hi-Z
Power
Analog1 power supply input
49
VDD_RAM
Hi-Z
Power
Power supply for the internal RAM
50
UART1_nRTS
Hi-Z
O
UART host interface
51
RTC_XTAL_P
Hi-Z
Analog
32.768 kHz XTAL_P/external CMOS level
clock input
52
RTC_XTAL_N
Hi-Z
Analog
32.768 kHz XTAL_N/100k external pullup for
external clock
53
NC
Hi-Z
N/A
Unused. Leave unconnected.
54
VIN_IO2
Hi-Z
Power
I/O power supply. Same as battery voltage.
55
UART1_TX
Hi-Z
O
UART host interface. Connect to test point on
prototype for flash programming.
56
VDD_DIG2
Hi-Z
Power
Digital power supply (1.2 V)
57
UART1_RX
Hi-Z
I
UART host interface. Connect to test point on
prototype for flash programming.
58
TEST_58
N/A
Test signal. Connect to an external test point.
59
TEST_59
N/A
Test signal. Connect to an external test point.
60
TEST_60
Hi-Z
O
Test signal. Connect to an external test point.
61
UART1_nCTS
Hi-Z
I
UART host interface
62
TEST_62
Hi-Z
O
Test signal. Connect to an external test point.
63
NC
Hi-Z
I/O
Leave unconnected
64
NC
Hi-Z
I/O
Leave unconnected
65
GND
Power
Ground tab used as thermal and electrical
ground
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com