Electronic Components Datasheet Search
  English  ▼

X  

MAX7652CCB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7652CCB Datasheet HTML 1Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 2Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 3Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 4Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 5Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 6Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 7Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 8Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
General Description
The MAX7651/MAX7652 are complete 12-bit data-acqui-
sition systems featuring an algorithmic, switched-capaci-
tor, analog-to-digital converter (ADC), a pulse-
width-modulated digital-to-analog converter (DAC), three
timer/counters, and an industry-standard 8051 micro-
processor core with a variety of I/O peripherals. Power-
down capability and full functionality with supply voltages
as low as +3V make the MAX7651/MAX7652 suitable for
portable and power-sensitive applications.
The MAX7651/MAX7652 perform fully differential voltage
measurements with 12-bit resolution, programmable gain,
and separate track-and-hold for both positive and nega-
tive inputs. The converter accepts versatile input modes
consisting of four 2-channel signal pairs or eight 1-chan-
nel signals relative to a floating common.
The MAX7651/MAX7652 microprocessor systems feature
a CPU, 256 bytes of RAM, two 8kB flash memory, four
8-bit I/O ports, two UARTs, an interrupt controller, and a
watchdog timer. Only four clock cycles are required to
complete each microprocessor instruction.
The MAX7651/MAX7652 are available in 64-pin TQFP
packages.
Applications
Hand-Held Instruments
Portable Data-Acquisition Systems
Temperature Controllers
Smart Transmitters
Data Loggers
Multi-Channel Data-Acquisition with Data Formatting
Features
o 12-Bit 53ksps ADC with Fully Differential Inputs
o Dual 8-Bit PWM DAC Outputs
o Three Timers
o 4-Clock Cycle 8051-Compatible Instruction Set
with Dual Data Pointers
o Programmable Watchdog Supervisor
o Four Parallel I/O Ports
o Dual Serial I/O Ports (up to 375kb)
o +3V or +5V Single-Supply Operation
o DC to 12MHz Clock Speed
o 64-Pin TQFP Package
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
________________________________________________________________ Maxim Integrated Products
1
256 BYTES
RAM
WATCHDOG
TIMER
SERIAL
PORT 0
TXD
RXD
8k BYTE
FLASH
2000H–
3FCOH
SERIAL
PORT 1
TXD
RXD
INT0
EXT MEM
TIMER 0
TIMER 1
TIMER 2
T0 T1 T2
T2_OUT
T2_OUT
PWMA
OUTPUT
PWMB
OUTPUT
INT1
AIN0
AIN7
ANALOG
INPUTS
REF+
REF-
FOUR
8-BIT
I/O
PORTS
8k BYTE
FLASH
0000H–
1FFFH
PULSE-
WIDTH
MODULATOR
MEMORY ADDRESS
AND DATA BUSES
SFR BUS
12-BIT
A/D
CONVERTER
INTERRUPT
CONTROLLER
8051
CPU
UPPER
LOWER
MAX7651
MAX7652
ACOM
Functional Diagram
19-2119; Rev 0; 8/01
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX7651CCB
0
°C to +70°C
64 TQFP
MAX7651ECB
-40
°C to +85°C
64 TQFP
MAX7652CCB
0
°C to +70°C
64 TQFP
MAX7652ECB
-40
°C to +85°C
64 TQFP
Pin configuration appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX7652CCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX765 MAXIM-MAX765 Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX765C/D MAXIM-MAX765C/D Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX765CPA MAXIM-MAX765CPA Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX765CSA MAXIM-MAX765CSA Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX765EPA MAXIM-MAX765EPA Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
More results

Similar Description - MAX7652CCB

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8144-12 WOLFSON-WM8144-12 Datasheet
351Kb / 27P
Integrated 12-bit Data Acquisition System for Imaging Applications
logo
Linear Technology
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
Single Chip 12-Bit Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Burr-Brown (TI)
SDM862 BURR-BROWN-SDM862 Datasheet
256Kb / 27P
16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Linear Technology
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
Single Chip 12-Bit Data Acquisition Systems
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Linear Technology
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
Single Chip 12-Bit Data Acquisition Systems
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
Single Chip 12-Bit Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX17823H MAXIM-MAX17823H Datasheet
1Mb / 129P
12-Channel, High-Voltage Data-Acquisition Systems
19-100391; Rev 0; 8/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com