Electronic Components Datasheet Search
  English  ▼

X  

MAX7652CCB Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX7652CCB Datasheet HTML 28Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 29Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 30Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 31Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 32Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 33Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 34Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 35Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
______________________________________________________________________________________
33
mode after the instruction is complete. Figure 10 shows
the related timing characteristics.
Enable any interrupt to clear PCON.0 and exit the Idle
mode (See Figure 11 for the related timing). Assert RST
alternately.
Stop Mode
In stop mode, the internal clock and analog circuitry are
powered-down. Set PCON.1 (STOP) HIGH to enter the
Stop mode after the instruction is complete. Figure 12
shows the related timing characteristics. The only way
to exit Stop mode is to assert RST.
Definitions
Integral Nonlinearity (INL)
Integral nonlinearity is the deviation of the values on an
actual transfer function from a straight line. This straight
line can be either a best straight-line fit or a line drawn
between the endpoints of the transfer function, once
offset and gain errors have been nullified. The static lin-
earity parameters for the MAX7651/MAX7652 are mea-
sured using the best straight-line fit method.
INTO
CLK
ALE
~PSEN
MEM
ADDR
IDLE
ADDRESS OF LAST EXECUTED INSTRUCTION
003H
Figure 11. Idle Mode Exit Timing
CLK
ALE
-PSEN
MEM
ADDR
IDLE
PCON.0
n
n + 1
Figure 10. Idle Mode Entry Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com