Electronic Components Datasheet Search
  English  ▼

X  

MAX7652CCB Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX7652CCB Datasheet HTML 21Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 22Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 23Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 24Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 25Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 26Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 27Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 28Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
______________________________________________________________________________________
25
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
Table 11. A/D Data-0 (ADDAT0) Format—SFR Address C2H
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
PWPS7
PWPS6
PWPS5
PWPS4
PWPS3
PWPS2
PWPS1
PWPS0
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
PWDA7
PWDA6
PWDA5
PWDA4
PWDA3
PWDA2
PWDA1
PWDA0
Table 13. Pulse-Width Data A (PWDA) Format—SFR address DBH
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
SIGN BIT
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
Table 10. A/D Data-1 (ADDAT1) Format—SFR Address C3H
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
CC
CCVT
CCIE
OVRN
M3
M2
M1
M0
BIT
NAME
DESCRIPTION
7CC
Conversion Complete Flag (Read Only). The MAX7651/MAX7652 set this flag to 1 following a
conversion to indicate valid data in the ADDAT1 and ADDAT0 data SFRs (see below). The CC
bit is cleared to 0 when ADDAT1 is read by the CPU.
6
CCVT
Continuous Conversion Enable (Read/Write). When CCVT = 1, the ADC performs continuous
conversions at the rate of 224 clock cycles/conversion. Conversions continue until the MAX7651/
MAX7652 is reset or until CCVT is cleared, in which case conversions stops after the current
conversion ends.
5
CCIE
Conversion Complete Interrupt Enable (Read/Write). When CCIE = 1, interrupt 3 is generated at
the end of each conversion.
4
OVRN
Overrun Flag (Read Only). The MAX7651/MAX7652 set this flag to 1 whenever a conversion
completes while CC is set. The previous conversion result is overwritten. The OVRN bit is
cleared to 0 when ADDAT1 is read by the CPU.
3–0M3–M0
Analog Input Multiplexer Select Bits. Used to establish input configurations for single-ended or
differential conversions (see Table 6).
Table 9. A/D Control (ADCON) Format—SFR Address C5H
Note: SFRs ADDAT1 and ADDAT0 contain the results of individual A/D conversions with the formats shown in Tables 8 and 9.
A read to ADDAT1 clears the CC and OVRN flags in ADCON.
Table 12. Pulse-Width Prescaler (PWPS) Format—SFR address DAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com