Electronic Components Datasheet Search
  English  ▼

X  

MAX7652CCB Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX7652CCB Datasheet HTML 28Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 29Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 30Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 31Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 32Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 33Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 34Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 35Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
32
______________________________________________________________________________________
Power Requirements
MAX7651 operates from +5V while the MAX7652 oper-
ates from +3V analog and digital supply voltages. The
analog supply current is typically 2mA. The typical digi-
tal supply currents (continuous A/D conversions at
12MHz clock frequency) are 5mA and 13mA at +3V
and +5V, respectively. Current consumption will vary
depending on RAM read/write and flash read/write
page erase duty cycle.
Idle Mode
In idle mode, CPU processing is suspended and inter-
nal data registers maintain their current data. However,
unlike typical 8051 systems, the clock is not disabled
internally. Set PCON.0 (IDLE) high to enter the Idle
INTERRUPT
ASSOCIATED FEATURE
ENABLE SFR BIT
(NOTE 2)
PRIORITY SFR BIT
(NOTE 3)
PRIORITY
INT0
External Interrupt 0
IE.0
IP.0
1
INT1
External Interrupt 1
IE.2
IP.1
3
FLASH
Flash Operation Complete
EIE.0
EIP.0
8
ADC
A / D Operation Complete
EIE.1
EIP.1
9
WDTI
Watchdog Timer
EICON.1
EIP.4
10
TF0 or EXF0
Timer 0
IE.1
IP.1
2
TF1 or EXF2
Timer 1
IE.3
IP.3
4
TI_0 or RI_0
Serial Port 0
IE.4
IP.4
5
TF2 or EXF2
Timer 2
IE.5
IP.5
6
TI_1 or RI_1
Serial Port 1
IE.6
IP.6
7
Table 26. MAX7651/MAX7652 Interrupts (Note 1)
Note 1: Shaded areas reflect the 8051 industry standard.
Note 2: Set Enable SFR bit high to enable interrupt.
Note 3: Set Priority SFR bit high to eatablish high priority.
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
WD1
WD0
TIMER2
TIMER1
TIMER0
MD2
MD1
MD0
BIT
NAME
DESCRIPTION
7
WD1
6
WD10
Set WD1 and WD0 to adjust the interrupt interval for the watchdog timer. (See Watchdog Timer.)
5
TIMER2
Timer 2 Control. Set TIMER2 = 1 for TIMER2-associated counter increments at four clock
intervals. Set TIMER2 = 0 for increments at 12 clock intervals.
4
TIMER1
Timer 1 Control. Set TIMER1 = 1 for Timer1-associated counter increments at four clock
intervals. Set TIMER1 = 0 for increments at 12 clock intervals.
3
TIMER0
Timer 0 Control. Set TIMER0 = 1 for Timer0-associated counter increments at four clock
intervals. Set TIMER0 = 0 for increments at 12 clock intervals.
2
MD2
1
MD1
0
MD0
Set MD2, MD1, and MD0 to adjust the Read/Write strobe width (in clocks). The number of clock
cycles is two plus the MD2, MD1, MD0 decimal value. MD0 is the LSB.
Table 27. CKCON SFR Address 8EH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com